Part Number Hot Search : 
16000 PLR0502 LVG2343 LVG2343 A937M Z8614 LTC1661 DG407BDN
Product Description
Full Text Search
 

To Download SWH-ALERT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Field Selectable Amber Lens Strobe
The System Sensor SpectrAlert(R) Advance SW-ALERT and SWH-ALERT amber lens strobes provide the distinctive visual signal used for mass notification during non-fire evacuations.
Features
*Electrically compatible with existing SpectrAlert products *Automatic selection of 12- or 24-volt operation at 15 and 15/75 candela *Plug-in design *Amber lens strobe *White plastic housing with ALERT clearly visible in red letters *Field selectable candela settings of 15, 15/75, 30, 75, 95, 110, 115, 135, 150, 177, 185 (please refer to Table 2 for equivalent candela ratings for UL1971 ) *Rated for 32F to 120F (0C to 49C) *Housing can be mounted to either wall or ceiling *Shorting spring on mounting plate for continuity check before installation *Tamper resistant construction with Torx head mounting screw *Design allows minimal intrusion into the back box *Compatible with System Sensor synchronization protocol
The System Sensor SpectrAlert Advance SW-ALERT and SWH-ALERT strobes are designed with an amber colored lens mounted in a white housing to allow visual signaling for mass notification in compliance with ANSI/UL1638 - Standard for General Signaling Visible Appliances. The SW-ALERT and SWH-ALERT amber lens strobes provide simple installation and instant compatibility with SpectrAlert Advance synchronized systems. Their features include plug-in design and 11 field selectable candela settings. These strobes are indoor products that attach to universal mounting plates connected to a four-inch square, four-inch octagon, singlegang, or double-gang junction boxes. The circuit is wired to the SEMS terminals on the mounting plate. The device will rotate into position, locking the product's pins into the mounting plate's terminals. The device will temporarily hold in place with a catch until it is secured with a captured mounting screw.
Agency Listings
S4011, S5512, S3593
SpectrAlert(R) Advance SW-ALERT and SWH-ALERT Amber Lens Strobe Specifications
Architectural/Engineering Specifications General The SW-ALERT and SWH-ALERT amber lens strobes shall mount to a standard 4 x 4 x 11/2-inch back box, 4 inch octagon back box, single-gang or doublegang back box. A universal mounting plate shall be used for mounting. The notification appliance circuit wiring shall terminate at the universal mounting plate. SpectrAlert(R)Advanceproducts,whenusedwiththeSync*CircuitTM module accessory, shall be powered from a non-coded notification appliance circuit outputandshalloperateonanominal12or24volts.WhenusedwiththeSync*CircuitModule,12-voltratednotificationappliancecircuitoutputsshalloperate between 9 and 17.5 volts; 24-volt rated notification appliance circuit outputs shall operate between 17 and 33 volts. Indoor SpectrAlert Advance products shall operate between 32F and 120F from a regulated DC, or full-wave rectified, unfiltered power supply. The SW-ALERT and SWH-ALERT amber lens strobe shall have field selectable candela settings of 15, 15/75, 30, 75, 95, 110, 115, 135, 150, 177, 185 listed under ANSI/UL 1638 (for reference, equivalent candela for ANSI/ UL 1971 is 12, 15/75, 24, 60, 75, 85, 90, 110, 120, 140, 150). Strobe The System Sensor SpectrAlert Advance SW-ALERT and SWH-ALERT amber lens strobes shall be approved for fire protective service as listed in ANSI/UL 1638. The strobes shall be wired as a primary-signaling notification appliance and comply with the Americans with Disabilities Act requirements for visible signaling appliances, flashing at 1Hz over the strobe's entire operating voltage range. The strobe light shall consist of a xenon flash tube and associated lens/reflector system. Physical Specifications Wall mount dimensions (including lens) 5.6 in L x 4.7 in W x 2.5 in D (142 mm L x 119 mm W x 64 mm D) Wall mount back box skirt dimensions (BBSW-2) 5.9 in L x 5.0 in W x 2.2 in D (151 mm L x 128 mm W x 56 mm D) Standard Operating Temperature 32F to 120F (0C to 49C) Humidity Range 10% to 93% non-condensing Electrical/Operating Specifications Nominal Voltage Operating Voltage Range Input terminal wire gauge Strobe Flash Rate Regulated 12 VDC/FWR or regulated 24 VDC/FWR 8 to 17.5 V (12 V nominal) or 16 to 33 V (24 V nominal) 12 to 18 AWG 1 flash per second
Note: Full Wave Rectified (FWR) voltage is a non-regulated, time varying power source that is used on some power supply and panel outputs.
UL Current Draw Data
UL Max. Strobe Current Draw (mA RMS) 8 to 17.5 Volts Candela DC FWR SW-ALERT 15 123 128 Standard 15/75 142 148 Candela 30 NA NA Range 75 NA NA 95 NA NA 110 NA NA 115 NA NA SWH-ALERT 135 NA NA High 150 NA NA Candela 177 NA NA Range 185 NA NA 16 to 33 Volts DC FWR 66 71 77 81 94 96 158 153 181 176 202 195 210 205 228 207 246 220 281 251 286 258
Equivalent Candela Rating for UL1971
Strobe Output (cd) Listed Candela 15 15/75 30 75 95 110 115 135 150 177 185 On-Axis Rating (UL1638) 15 15/75 30 75 95 110 115 135 150 177 185 Equivalent cd Rating for UL1971 Profile 12 15/75 24 60 75 85 90 110 120 140 150
Note: UL1971 is not applicable to mass notification devices, but these readings were obtained using the measurement procedure specified under UL1971.
Ordering Information
Part No. SW-ALERT SWH-ALERT Accessories BBSW-2 Description Strobe, Standard cd, White, with Amber Lens Strobe, High cd, White, with Amber Lens Back Box Skirt, Wall, White
3825OhioAvenue*St.Charles,IL60174 Phone:800-SENSOR2*Fax:630-377-6495
(c)2007 System Sensor. Product specifications subject to change without notice. Visit systemsensor.com for current product information, including the latest version of this data sheet. A05-0429-000*9/07*#1872


▲Up To Search▲   

 
Price & Availability of SWH-ALERT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X